PART |
Description |
Maker |
KSC5039H2TU KSC5039H1 |
5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220 TO-220, 3 PIN NPN Silicon Transistor; Package: TO-220; No of Pins: 3; Container: Bulk 5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
BUL146FG BUL146G |
Bipolar Power TO220FP NPN 6A 400V; Package: TO-220 3 LEAD FULLPAK; No of Pins: 3; Container: Rail; Qty per Container: 50 6 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB SWITCHMODE NPN Bipolar Power Transistor
|
ON Semiconductor
|
KSC5039 KSC5039H2 |
High Voltage Power Switch Switching Application 5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220 NPN Silicon Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ST13007N ST13007N-A |
8 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
STMICROELECTRONICS ST Microelectronics
|
FJP13009TU |
High Voltage Fast-Switching NPN Power Transistor 12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Fairchild Semiconductor, Corp.
|
MJ13333_D ON1977 MJ13333 |
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400-500 VOLTS 175 WATTS From old datasheet system 20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
|
ON Semiconductor Motorola, Inc
|
BUJD103AD |
NPN power transistor with integrated diode 4 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-252
|
NXP Semiconductors N.V.
|
CSD882P CSD882R CSD882 CSD882E CSD882Q |
10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB772P 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSB772R 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB772Q 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSB772E 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSB772 Audio Frequency Power Amplifier and Low Speed Switching Applications
|
CDIL[Continental Device India Limited]
|
KSE13004 KSE13005 KSE13005H2ATU KSE13005H2 KSE1300 |
NPN Silicon Transistor High Voltage Switch Mode Application 4 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MJE13003A |
1.5 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-126
|
MICRO COMMERCIAL COMPONENTS
|
|